Part Number Hot Search : 
AMS431 BAR63 MT6450G 4N33300W 30F60 1N2131RA 30BQ015 C1514
Product Description
Full Text Search
 

To Download AO4812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO4812 30v dual n-channel mosfet general description product summary v ds i d (at v gs =10v) 6a r ds(on) (at v gs =10v) < 30m w r ds(on) (at v gs =4.5v) < 42m w 100% uis tested 100% r g tested symbol v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jl mj junction and storage temperature range -55 to 150 c power dissipation b p d avalanche energy l=0.1mh c t a =70c 1.3 units thermal characteristics parameter typ max the AO4812 uses advanced trench technology to provi de excellent r ds(on) and low gate charge. the two mosfets make a compact and efficient switch and synchronous rectifier combination for use in buck converters. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v drain-source voltage 30 gate-source voltage 5 t a =25c t a =70c a 10 v 20 continuous drain current 6 w 2 t a =25c avalanche current c 5 30 a i d maximum junction-to-ambient a d 32 90 pulsed drain current c c/w r q ja 40 maximum junction-to-ambient a 48 74 62.5 maximum junction-to-lead c/w c/w soic-8 top view bottom view pin1 g2 d2 s2 g1 d1 s1 g1 s1 g2 s2 d1 d1 d2 d2 top view rev 9: february 2011 www.aosmd.com page 1 of 5
AO4812 symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 1.2 1.8 2.4 v i d(on) 30 a 25 30 t j =125c 40 48 33 42 m w g fs 15 s v sd 0.76 1 v i s 2.5 a c iss 255 310 pf c oss 45 pf c rss 35 50 pf r g 1.6 3.25 4.9 w q g(10v) 5.2 6.3 nc qg (4.5v) 2.55 3.2 nc q gs 0.85 nc q gd 1.3 nc t d(on) 4.5 ns t r 2.5 ns t d(off) 14.5 ns t f 3.5 ns t rr 8.5 ns q rr 2.2 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. input capacitance output capacitance turn-on rise time i f =6a, di/dt=100a/ m s v gs =0v, v ds =15v, f=1mhz switching parameters body diode reverse recovery charge v ds =v gs i d =250 m a v gs =4.5v, i d =5a forward transconductance body diode reverse recovery time v gs =10v, i d =6a reverse transfer capacitance i f =6a, di/dt=100a/ m s maximum body-diode continuous current m w v gs =10v, v ds =15v, r l =2.5 w , r gen =3 w dynamic parameters turn-off delaytime turn-on delaytime gate resistance v gs =0v, v ds =0v, f=1mhz v ds =5v, i d =6a r ds(on) static drain-source on-resistance i dss m a zero gate voltage drain current turn-off fall time total gate charge v gs =10v, v ds =15v, i d =6a gate source charge gate drain charge i s =1a,v gs =0v diode forward voltage electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions drain-source breakdown voltage on state drain current i d =-250 m a, v gs =0v v gs =10v, v ds =5v v ds =0v, v gs =20v gate-body leakage current a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150c, using
AO4812 typical electrical and thermal characteristics 17 52 10 0 18 40 0 5 10 15 1 1.5 2 2.5 3 3.5 4 4.5 v gs (volts) figure 2: transfer characteristics (note e) i d (a) 20 25 30 35 40 0 3 6 9 12 15 i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w ww w ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =10v i d =6a v gs =4.5v i d =5a 20 40 60 80 100 2 4 6 8 10 v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w ww w ) 25c 125c v ds =5v v gs =4.5v i d =6a 25c 125c 0 5 10 15 20 25 30 0 1 2 3 4 5 v ds (volts) fig 1: on-region characteristics (note e) i d (a) v gs =3v 7v 10v 3.5v 4v 4.5v v gs =10v rev 9: february 2011 www.aosmd.com page 3 of 5
AO4812 typical electrical and thermal characteristics 0 2 4 6 8 10 0 1 2 3 4 5 6 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 50 100 150 200 250 300 350 400 0 5 10 15 20 25 30 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss v ds =15v i d =6a 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 11: single pulse power rating junction-to- ambient (note f) power (w) t a =25c 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 v ds (volts) i d (amps) figure 10: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150c t a =25c 100 m s 10ms 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 12: normalized maximum transient thermal imp edance (note f) z q qq q ja normalized transient thermal resistance d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =90c/w single pulse rev 9: february 2011 www.aosmd.com page 4 of 5
AO4812 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr rev 9: february 2011 www.aosmd.com page 5 of 5


▲Up To Search▲   

 
Price & Availability of AO4812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X